|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 03/18/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: Drawing (PDF) 0190690099 Active KrimptiteTM Ring Tongue Terminal for 14-16 AWG Wire RoHS Certificate of Compliance (PDF) Agency Certification CSA UL LR18689 E32244 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Crimp Quality Equipment Mil-Spec Product Name Type Ring and Spade Terminals 19069 Yes N/A KrimptiteTM Ring Physical Barrel Type Insulation Material - Plating Mating Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Stud Size Wire Insulation Diameter Wire Size AWG Wire Size mm Closed None Tin Bag 160 4 160 4 3-4 (M2.6) 4.40mm (.175") max. 14, 16 1.30 - 2.00 Material Info Old Part Number BB-123-04 Search Parts in this Series 19069Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0640030100 Crimp Head for the 0640070100 AT-200TM Pneumatic Hand Tool Reference - Drawing Numbers Sales Drawing SD-19069-013 This document was generated on 03/18/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of BB-123-04 |